PART |
Description |
Maker |
MAX9516ALBT MAX9516 |
1.8V, Ultra-Low-Power, DirectDrive Video Filter Amplifier with Load Detect
|
Maxim Integrated Products
|
VDD60SCTA VDD20LCTA VDD18LCTA VDD18LNTA VDD18MNTA |
Low voltage, Low power, 1% High detect accuracy CMOS Voltage Detector with Delay circuit
|
AnaSem Hong Kong Limited
|
ISL29101IROZ-EVALZ ISL29101IROZ-T7 ISL29101 |
Small, Low Power, Voltage-Output Ambient Light Photo Detect IC Small, Low Power, Voltage-Output Ambient Light Photo Detect IC; Temperature Range: -40°C to 85°C; Package: 6-ODFN T&R SPECIALTY ANALOG CIRCUIT, PDSO6
|
Intersil Corporation Intersil, Corp.
|
OM5304ST OM5301DT OM5301RT OM5301ST OM5302DT OM530 |
20 AMP ULTRA FAST, ULTRA LOW FORWARD VOLTAGE CENTER-TAP POWER RECTIFIER
|
List of Unclassifed Manufacturers ETC[ETC] List of Unclassifed Man...
|
BS616UV2021DC BS616UV2021 BS616UV2021AC BS616UV202 |
10ns ultra low power/voltage CMOS SRAM 128K x 16 or 256K x 8bit switchable Ultra Low Power/Voltage CMOS SRAM 128K x 16 or 256K x 8 bit switchable Hex Buffer/Driver With Open-Drain Outputs 14-TSSOP -40 to 85
|
BSI[Brilliance Semiconductor] BRILLIANCE SEMICONDUCTOR, INC.
|
675-100 677-25K 653-25K 676-25K 652-25K 654-25K 65 |
Precision, 5V Voltage Reference, Replaced MAX673 Dual, Ultra-Low-Voltage SOT23 µP Supervisors with Manual Reset and Watchdog Timer Analog IC 模拟IC Low-Power, Single/Dual-Voltage Window Detectors 低功耗、单/双电压窗检测器
|
Microchip Technology, Inc. EAO International
|
27C512A-90/J 27C512A-90/K 27C512A-70/J 27C512A-70/ |
Single/Dual/Quad, 28MHz, Low-Noise, Low-Voltage, Precision Op Amps 500MHz, Low-Power Op Amps 250MHz, Broadcast-Quality, Low-Power Video Op Amps Evaluation Kit for the MAX4104, MAX4105, MAX4304, MAX4305 Micropower, SOT23, Rail-to-Rail, Fixed-Gain GainAmp Open-Loop GainAmps Op Amps 400MHz, Ultra-Low-Distortion Op Amps x8 EPROM x8存储 330MHz Buffered Video Switches Crosspoint Building Blocks x8存储 350MHz, Ultra-Low-Noise Op Amps x8存储 Single/Dual/Quad, 400MHz, Low-Power, Current Feedback Amplifiers x8存储
|
Integrated Device Technology, Inc.
|
MAX5524 MAX5524ETC |
Dual. Ultra-Low-Power. 10-Bit. Voltage-Output DACs 1.8 to 5.5 V, dual, ultra-low-power, 10-bit, voltage-output DAC Dual, Ultra-Low-Power, 10-Bit, Voltage-Output DACs
|
Maxim Integrated Products, Inc. MAXIM - Dallas Semiconductor
|
15101251 15101252 |
Ultra-Low-Power Voltage Detectors and µP Supervisory Circuits Ultra-Low-Power Voltage Detectors and µP Supervisory Circuits 发光二极2V的黄闵法
|
PHOENIX CONTACT Deutschland GmbH
|
IS62WV5128ALL-70TI IS62WV5128BLL IS62WV5128BLL-55T |
512K X 8 LOW VOLTAGE, ULTRA LOW POWER CMOS STATIC RAM
|
ISSI[Integrated Silicon Solution, Inc]
|
IS65WV25616BLL IS65WV25616BLL-55TA1 IS65WV25616BLL |
256K x 16 LOW VOLTAGE, ULTRA LOW POWER CMOS STATIC SRAM
|
Integrated Silicon Solution, Inc
|